PART |
Description |
Maker |
AT25256 AT25256-10CC AT25256-10CC-1.8 AT25256-10CC |
SPI Serial EEPROMs 32K X 8 SPI BUS SERIAL EEPROM, DSO8 122 x 32 pixel format, Compact LCD size 16K X 8 SPI BUS SERIAL EEPROM, PDSO20 BOX WATERTIGHT 6.01X3.24X1.81,1 16K X 8 SPI BUS SERIAL EEPROM, PDSO14 SPI Serial EEPROMs 16K X 8 SPI BUS SERIAL EEPROM, CDSO8 High Speed CMOS Logic Non-Inverting Octal-Bus Transceivers with 3-State Outputs 20-PDIP -55 to 125 128 x 64 pixel format, LED or EL Backlight available High Speed CMOS Logic Non-Inverting Octal Buffers/Line Drivers with 3-State Outputs 20-SOIC -55 to 125
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
NM25C640 NM25C640LEN NM25C640LVM8 NM25C640LVN NM25 |
SPI Serial EEPROM 64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus) [Advanced]
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FM25C041 FM25C041U FM25C041UE FM25C041UV FM25C041U |
SERIAL EEPROM|512X8|CMOS|SOP|8PIN|PLASTIC 512 X 8 SPI BUS SERIAL EEPROM, PDSO8 4K-Bit SPI⑩ Interface Serial CMOS EEPROM 4K-Bit SPI Interface Serial CMOS EEPROM From old datasheet system 4K-Bit SPI?/a> Interface Serial CMOS EEPROM
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
CAT25C08U-1.8 CAT25C08UI-1.8 CAT25C08UA-1.8 CAT25C |
SPI Bus Serial EEPROM (Motorola Compatible), 1K, 2-bit Block Protection, WPEN Bit SPI Bus Serial EEPROM (Motorola Compatible), 2K, 2-bit Block Protection, WPEN Bit 128 X 8 SPI BUS SERIAL EEPROM, PDSO14 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 TSSOP-8
|
Catalyst Semiconductor
|
NM25C020 NM25C020LVMT8 NM25C020LVM8 NM25C020VM8X N |
SPI Serial EEPROM 2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
CAT25256XI-T2 |
256 kb SPI Serial CMOS EEPROM 32K X 8 SPI BUS SERIAL EEPROM, PDSO8
|
ON Semiconductor
|
IS25C08B-2UDLI-TR IS25C08B-2CLI-TR IS25C08B-2ZLI-T |
8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 2 X 3 MM, 0.55 MM HEIGHT, GREEN, UDFN-8
|
Integrated Silicon Solution, Inc.
|
CAT25C02LITE13 CAT25C02YI-1.8TE13 CAT25C04LITE13 C |
512 X 8 SPI BUS SERIAL EEPROM, PDSO8 1K/2K/4K SPI Serial CMOS EEPROM
|
CATALYST[Catalyst Semiconductor] http://
|
X25057VIG-1.8 X25057SIG-1.8 X25057MIG-1.8 X25057P- |
5MHz Low Power SPI Serial E2PROM with IDLock?Memory 5MHz Low Power SPI Serial E2PROM with IDLock?/a> Memory 5MHz Low Power SPI Serial E2PROM with IDLock Memory 5MHz Low Power SPI Serial E2PROM with IDLock垄芒 Memory 5MHz Low Power SPI Serial E2PROM with IDLock⑩ Memory 512 X 8 SPI BUS SERIAL EEPROM, PDIP8 ROHS COMPLIANT, PLASTIC, DIP-8 512 X 8 SPI BUS SERIAL EEPROM, PDSO8
|
IC MICROSYSTEMS Sdn. Bhd. IC MICROSYSTEMS SDN BHD
|
AT25010A AT25040A AT25020A |
1/2/4k, SPI Bus Serial EEPROM, High Speed, supports SPI Mode 0 and 3.
|
Atmel
|
AT25F1024A |
1M, SPI Bus Serial EEPROM, Page-Write Only, SPI Mode 0 and 3.
|
Atmel
|